Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIPO Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce LIPO
Description  Lipofectamine 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

LIPO Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  LIPO Datasheet HTML 1Page - List of Unclassifed Manufacturers LIPO Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lipofectamine™ 2000
Cat. No. 11668-027
Size: 0.75 ml
Cat. No. 11668-019
Size: 1.5 ml
Contents and Storage
Lipofectamine™ 2000 is supplied in liquid form at a concentration of 1 mg/ml. Store at +4°C. DO NOT FREEZE. Product is
guaranteed for 6 months from the date of shipment if stored properly.
Description
Lipofectamine™ 2000 is a proprietary formulation suitable for the transfection of nucleic acids into eukaryotic cells. Using
Lipofectamine™ 2000 for transfection provides the following advantages:
•
The highest transfection efficiency in many cell types and formats (e.g. 96-well). Refer to the Transfection Collection and the
Invitrogen Transfection Guide available at www.invitrogen.com for a list of cell lines and cell types that have been
successfully transfected. Detailed transfection procedures are also available. For a procedure to transfect mammalian cells
with short interfering RNAs (siRNA) for use in RNA interference (RNAi) studies, see www.invitrogen.com\rnai.
•
DNA-Lipofectamine™ 2000 complexes can be added directly to cells in culture medium (in the presence or absence of
serum).
•
It is not necessary to remove complexes or change or add medium following transfection, although complexes can be
removed after 4-6 hours without loss of activity.
Product Qualification
Lipofectamine™ 2000 is tested for the absence of microbial contamination using blood agar plates, Sabaraud dextrose agar plates,
and fluid thioglycolate medium, and functionally by transfection of CHO-K1 cells with a luciferase reporter-containing plasmid.
Important Guidelines
Follow these guidelines when performing transfections:
1.
The ratio of DNA (in
µg):Lipofectamine™ 2000 (in µl) to use when preparing complexes should be 1:2 to 1:3 for most cell
lines. Some optimization may be necessary. Example: To transfect 0.5-2 x 105 cells in a 24-well format, use 0.8-1
µg DNA
and 2-3
µl of Lipofectamine™ 2000.
2.
Transfect cells at high cell density. 90-95% confluence at the time of transfection is recommended to obtain high efficiency
and expression levels, and to minimize decreased cell growth associated with high transfection activity. Lower cell densities
are suitable with optimization of conditions. Take care to maintain a standard seeding protocol between experi-ments
because transfection efficiency is sensitive to culture confluence.
3.
Do not add antibiotics to media during transfection as this will cause cell death.
For optimal results, we also recommend the following:
1.
Use Opti-MEM® I Reduced Serum Medium (Catalog no. 31985-062) to dilute Lipofectamine™ 2000 prior to complexing with
DNA. Other media without serum (e.g. D-MEM) may be used to dilute Lipofectamine™ 2000, but transfection efficiency may
be compromised.
2.
Test serum-free media formulations for compatibility with Lipofectamine™ 2000 as some serum-free formulations can
inhibit cationic lipid-mediated transfection. CD 293, 293 SFM II, and VP-SFM are media formulations known to inhibit
transfection.
Limited Use Label License No. 27
The purchase of this product conveys to the buyer the non-transferable right to use the purchased amount of the product and components of the product in research conducted by the buyer
(whether the buyer is an academic or for-profit entity). The buyer cannot sell or otherwise transfer (a) this product (b) its components or (c) materials made using this product or its components
to a third party or otherwise use this product or its components or materials made using this product or its components for Commercial Purposes. The buyer may transfer information or
materials made through the use of this product to a scientific collaborator, provided that such transfer is not for any Commercial Purpose, and that such collaborator agrees in writing (a) to not
transfer such materials to any third party, and (b) to use such transferred materials and/or information solely for research and not for Commercial Purposes. Commercial Purposes means any
activity by a party for consideration and may include, but is not limited to: (1) use of the product or its components in manufacturing; (2) use of the product or its components to provide a
service, information, or data; (3) use of the product or its components for therapeutic, diagnostic or prophylactic purposes; or (4) resale of the product or its components, whether or not such
product or its components are resold for use in research. Use of this product in conjunction with methods for the introduction of RNA molecules into cells may require licenses to one or more
patents or patent applications. Users of these products should determine if any licenses are required. Invitrogen Corporation will not assert a claim against the buyer of infringement of patents
owned by Invitrogen and claiming this product based upon the manufacture, use or sale of a therapeutic, clinical diagnostic, vaccine or prophylactic product developed in research by the buyer
in which this product or its components was employed, provided that neither this product nor any of its components was used in the manufacture of such product. If the purchaser is not
willing to accept the limitations of this limited use statement, Invitrogen is willing to accept return of the product with a full refund. For information on purchasing a license to this product for
purposes other than research, contact Licensing Department, Invitrogen Corporation, 1600 Faraday Avenue, Carlsbad, California 92008. Phone (760) 603-7200. Fax (760) 602-6500.
25-0489B
Doc. Rev. 102202


Description similaire - LIPO

FabricantNo de pièceFiches techniqueDescription
logo
TRIAD MAGNETICS
VPP10-2000 TRIAD-VPP10-2000 Datasheet
46Kb / 1P
VPP10-2000
VPP28-2000 TRIAD-VPP28-2000 Datasheet
47Kb / 1P
VPP28-2000
logo
LEM
LV100-2000 LEM-LV100-2000_03 Datasheet
58Kb / 2P
LV100-2000
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
Adels-Contact
128201 ADELS-128201 Datasheet
117Kb / 2P
2000/ 1
128202 ADELS-128202 Datasheet
117Kb / 2P
2000/ 2
128204 ADELS-128204 Datasheet
119Kb / 2P
2000/ 4
128205 ADELS-128205 Datasheet
119Kb / 2P
2000/ 5
128207 ADELS-128207 Datasheet
120Kb / 2P
2000/ 7
128211 ADELS-128211 Datasheet
122Kb / 2P
2000/11
More results


Html Pages

1 2