Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9162 Fiches technique(PDF) 4 Page - Richtek Technology Corporation

No de pièce RT9162
Description  300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9162 Fiches technique(HTML) 4 Page - Richtek Technology Corporation

  RT9162 Datasheet HTML 1Page - Richtek Technology Corporation RT9162 Datasheet HTML 2Page - Richtek Technology Corporation RT9162 Datasheet HTML 3Page - Richtek Technology Corporation RT9162 Datasheet HTML 4Page - Richtek Technology Corporation RT9162 Datasheet HTML 5Page - Richtek Technology Corporation RT9162 Datasheet HTML 6Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RT9162
www.richtek-ic.com.tw
DS9162-07 June 2000
4
Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbols
Min
Typ
Max
Min
Typ
Max
A
1.40
1.50
1.60
0.055
0.059
0.063
A1
0.90
1.00
1.10
0.035
0.039
0.043
b
0.36
0.42
0.48
0.014
0.016
0.018
b1
0.41
0.42
0.53
0.016
0.018
0.020
C
0.38
0.40
0.43
0.014
0.015
0.017
D
4.20
4.50
4.60
0.173
0.177
0.181
D1
1.40
1.60
1.75
0.055
0.062
0.069
HE
--
--
4.25
--
--
0.167
E
2.40
2.50
2.60
0.094
0.098
0.102
e
1.45
1.50
1.55
0.057
0.059
0.061
3-Lead SOT-89 Surface Mount
D
D1
HE
A1
E
e
C
b
A
A
8º(x2)
b1
b
e



Html Pages

1 2 3 4 5 6