Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NLV25T-R82J-PF Fiches technique(PDF) 1 Page - TDK Electronics

No de pièce NLV25T-R82J-PF
Description  Inductors (Coils)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-R82J-PF Fiches technique(HTML) 1 Page - TDK Electronics

  NLV25T-R82J-PF Datasheet HTML 1Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 2Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inductors (Coils)
1 of 3
Creation Date : August 21, 2017 (GMT)
NLV25T-R82J-PF
Applications
Commercial Grade
Feature
No Directivity
No Directivity
Wire Wound
Wire Wound
Ferrite Core
Ferrite Core
Series | Type
NLV25-PF
Status
Production
Recommended Alternate Part No. : NLV25T-R82J-EF
Brand
TDK
Size
Length(L)
2.50mm ±0.20mm
Width(W)
2.00mm ±0.10mm
Thickness(T)
1.80mm ±0.10mm
Recommended Land Pattern (A)
1.00mm Nom.
Recommended Land Pattern (B)
1.50mm Nom.
Recommended Land Pattern (C)
1.50mm Nom.
Electrical Characteristics
Inductance
820nH ±5% at 25.2MHz
Rated Current
260mA
DC Resistance [Typ.]
DC Resistance [Max.]
1Ω
Self Resonant Frequency [Min.]
260MHz
Self Resonant Frequency [Typ.]
Q [Min.]
30
Q [Typ.]
Other
Operating Temp. Range (Including Self-Temp. Rise)
-40 to 105°C
Soldering Method
Wave (Flow)
Reflow
Iron Soldering
AEC-Q200
No
Packing
Blister (Plastic)Taping [180mm Reel]
Package Quantity
2000pcs
Weight
0.025g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Numéro de pièce similaire - NLV25T-R82J-PF

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
NLV25T-R82J-PF TDK-NLV25T-R82J-PF Datasheet
197Kb / 15P
Inductors for Standard Circuits
NLV25T-R82J-PF TDK-NLV25T-R82J-PF Datasheet
132Kb / 9P
Inductors for Standard Circuits Wound Ferrite
More results

Description similaire - NLV25T-R82J-PF

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
B82498F3471G000 TDK-B82498F3471G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3271G000 TDK-B82498F3271G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3271J000 TDK-B82498F3271J000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3330G000 TDK-B82498F3330G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3470G000 TDK-B82498F3470G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F1272J000 TDK-B82498F1272J000 Datasheet
247Kb / 2P
Inductors (Coils)
B82498F1332J000 TDK-B82498F1332J000 Datasheet
247Kb / 2P
Inductors (Coils)
B82498F1472J000 TDK-B82498F1472J000 Datasheet
247Kb / 2P
Inductors (Coils)
B82498F3100G000 TDK-B82498F3100G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3121J000 TDK-B82498F3121J000 Datasheet
246Kb / 2P
Inductors (Coils)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com