| Moteur de recherche de fiches techniques de composants électroniques |
|
2SD1237L Fiches technique(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
2SD1237L Fiches technique(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd. |
|
1 / 6 page ![]() 2SD1237L Rev.F Mar.-2016 DATA SHEET http://www.fsbrec.com 1 / 6 TO-220 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-220 Plastic Package. 集电极-发射极饱和压降低,电流大。 Low VCE(sat),large current capacity. 用于继电器驱动,高速转换器和一般大电流开关。 Suitable for relay drivers, high-speed inverters, converters, and other general large current switching applications. PIN1 :Base PIN 2 :Collector PIN 3 :Emitter 放大及印章代码 / hFE Classifications & Marking 描述 / Descriptions 特征 / Features 用途 / Applications 内部等效电路 / Equivalent Circuit 引脚排列 / Pinning hFE Classifications Symbol Q R S hFE Range 70~140 100~200 140~280 3 2 1 |
Numéro de pièce similaire - 2SD1237L |
|
Description similaire - 2SD1237L |