| Moteur de recherche de fiches techniques de composants électroniques |
|
8SW100M Fiches technique(PDF) 2 Page - RUBYCON CORPORATION |
|
|
|||||||||||||||||||||||||||||
8SW100M Fiches technique(HTML) 2 Page - RUBYCON CORPORATION |
|
2 / 2 page ![]() 导电性高分子铝固体电解电容器 CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS SERIES SLG SERIES SWZ/SW SPECIFICATIONS Series 55 105 1.1m 1.9mm 9 15 4.5 25 9 18 9 2,500 3,500 1,800 3,500 2,100 2,700 2.7mm 2.9mm 2 6.3 2 10 47 220 47 330 2 8 2 6.3 68 220 120 470 20% 0.04CV 0.1 • RoHS RoHS Compliance • (260 ) : ( MSL3) Lead free reflow soldering is available (260 ,10sec) : (Available for MSL3) Category Temperature Range( ) Surge Voltage 1.25 Rated voltage X1.25 20% Within 20% of the initial value initial specified value 200% 200% of initial specified value 20% 60% Within -20% +60% of the initial value -20% +40% Within -20% +40% of the initial value 200% 200% of initial specified value 300% 300% of initial specified value C tan LC C tan LC (105 2000 ) Endurance (105 , 2000hrs, Rated Voltage applied) ( ) (60 ,90%RH, 500 ) Damp heat(Steady state) (60 , 90%RH, 500hrs, No-applied voltage) FEATURES SLG : Ultra Low Profile SW : ESR High Capacitance,Low ESR SWZ : ESR High Capacitance,Ultra Low ESR SLG SWZ SW PC-CON Rated Voltage Range(V.DC) Capacitance Range(µF) Capacitance Tolerance(20 , 120Hz) ( 5 ) Leakage Current(µA/after 5 minutes) (tan ) Dissipation Factor(20 , 120Hz) Maximum Allowable Ripple Current(mA r.m.s/100kHz) (ESR) Equivalent Series Resistance(ESR) (m /20 , 100kHz) PC-CON SPICE (netlist) Our website offers the SPICE model (netlist) of PC-CON as the data for simulations. Please make use of various circuit design. For automotive use (AEC-Q200), please inquire our sales offices. 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 1.1 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 9 6 15 9 6 4.5 9 6 9 6 9 9 9 15 9 2,700 3,000 3,500 2,700 3,000 3,500 3,500 3,000 3,500 3,000 3,500 3,000 3,000 3,000 2,700 3,000 2 (d) 2.5 (e) 4 (g) 6.3 (j) 2 (d) 2.5 (e) 4(g) 6.3(j) 2SWZ270M R09 2SWZ270M R06 2SWZ330M R15 2SWZ330M R09 2SWZ330M R06 2SWZ330M R05 2.5SWZ220M R09 2.5SWZ220M R06 2.5SWZ270M R09 2.5SWZ270M R06 4SWZ180M R09 4SWZ220M R09 6SWZ120M R09 6SWZ150M R15 100 150 180 100 150 180 68 47 270 270 330 330 330 330 330 330 330 220 220 270 270 180 220 120 150 150 6SWZ150M R09 CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (V.DC) Cap(µF) ESR (m ) Part No. (mAr.m.s) Size(mm) L W H Series SWZ SLG SW ITEM 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 2.7 2.9 2.9 2.9 2.9 2.7 2.9 2.9 2.9 2.7 2.9 2.9 2.9 2.7 2.9 2.9 2.9 2.7 2.7 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 18 18 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 3,500 2,500 2,500 8 (k) 2 (d) 2.5 (e) 4 (g) 6.3 (j) 2SW220M 2SW270M 2SW330M 2SW390M 2SW470M 2.5SW180M 2.5SW220M 2.5SW270M 2.5SW330M 4SW150M 4SW180M 4SW220M 4SW270M 6SW100M 6SW120M 6SW150M 6SW180M 8SW68M 8SW100M 220 270 330 390 470 180 220 270 330 7.3 4.3 2.9 9 3,500 2.5SW390M 390 150 180 220 270 7.3 4.3 2.9 9 3,500 4SW330M 330 100 120 150 180 68 100 220 7.3 4.3 2.9 9 3,500 6SW220M 7.3 4.3 1.9 15 2,700 2.5SWZ330MR15 7.3 4.3 1.9 9 3,000 2.5SWZ330MR09 7.3 4.3 1.9 6 3,500 2.5SWZ330MR06 10 (A) 47 7.3 4.3 1.9 25 1,800 10SWZ47MR25 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 4.3 1.1 1.1 1.1 1.1 1.1 1.1 1.1 9 9 9 9 9 9 15 15 2,700 2,700 2,700 2,700 2,700 2,100 2,100 2SLG100M 2SLG150M 2SLG180M 220 7.3 4.3 1.1 9 2,700 2SLG220M 2.5SLG100M 2.5SLG150M 2.5SLG180M 4SLG68M 6SLG47M PC-CON PC-CON 导电性高分子 |