| Moteur de recherche de fiches techniques de composants électroniques |
|
DM74LS40 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS40 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF10171 February 1992 DM74LS40 Dual 4-Input NAND Buffer General Description This device contains two independent gates each of which perform the logic NAND function Connection Diagrams Dual-In-Line Package TLF10171 – 1 Order Number DM74LS40M or DM74LS40N See NS Package Number M14A or N14A Function Table (Each Gate) Inputs Outputs ABCD Y HHHH L L XXX H XLX X H X XLX H XXX L H Logic Diagram (Each Gate) TLF10171 – 2 Positive Logic Y e A B C D or Y e A a B a C a D C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM74LS40 |
|
Description similaire - DM74LS40 |