Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU508D Fiches technique(PDF) 7 Page - Micro Electronics

No de pièce BU508D
Description  HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRO-ELECTRONICS [Micro Electronics]
Site Internet  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

BU508D Fiches technique(HTML) 7 Page - Micro Electronics

  BU508D Datasheet HTML 1Page - Micro Electronics BU508D Datasheet HTML 2Page - Micro Electronics BU508D Datasheet HTML 3Page - Micro Electronics BU508D Datasheet HTML 4Page - Micro Electronics BU508D Datasheet HTML 5Page - Micro Electronics BU508D Datasheet HTML 6Page - Micro Electronics BU508D Datasheet HTML 7Page - Micro Electronics BU508D Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
C
3.3
3.8
0.130
0.149
D
2.9
3.1
0.114
0.122
D1
1.88
2.08
0.074
0.081
E
0.45
1
0.017
0.039
F
1.05
1.25
0.041
0.049
G
10.8
11.2
0.425
0.441
H
15.8
16.2
0.622
0.637
L1
20.8
21.2
0.818
0.834
L2
19.1
19.9
0.752
0.783
L3
22.8
23.6
0.897
0.929
L4
40.5
42.5
1.594
1.673
L5
4.85
5.25
0.190
0.206
L6
20.25
20.75
0.797
0.817
M
3.5
3.7
0.137
0.145
N
2.1
2.3
0.082
0.090
U
4.6
0.181
L1
M
L6
123
L5
L4
N
L3
L2
ISOWATT218 MECHANICAL DATA
P025C
BU208D/508D/508DFI
7/8



Html Pages

1 2 3 4 5 6 7 8