| Moteur de recherche de fiches techniques de composants électroniques |
|
IRFS830 Fiches technique(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
IRFS830 Fiches technique(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd. |
|
1 / 6 page ![]() IRFS830 Rev.E Dec.-2015 DATA SHEET http://www.fsbrec.com 1 / 6 TO-220F 塑封封装 N 沟道 MOS 场效应管。N-CHANNEL MOSFET in a TO-220F Plastic Package. 低栅电荷,低反馈电容,开关速度快。 Low gate charge, low crss, fast switching. 用于高效 DC/DC 转换和功率开关。 These devices are well suited for high efficiency switching DC/DC converters and switch mode power supplies. PIN1 :G PIN 2 :D PIN 3 :S 放大及印章代码 / hFE Classifications & Marking 见印章说明。See Marking Instructions. 描述 / Descriptions 特征 / Features 用途 / Applications 内部等效电路 / Equivalent Circuit 引脚排列 / Pinning 3 2 1 |
Numéro de pièce similaire - IRFS830 |
|
Description similaire - IRFS830 |