| Moteur de recherche de fiches techniques de composants électroniques |
|
RT8409GS Fiches technique(PDF) 5 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT8409GS Fiches technique(HTML) 5 Page - Richtek Technology Corporation |
|
5 / 11 page ![]() RT8409 5 DS8409-00 September 2016 www.richtek.com © Copyright 2016 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Note 1. Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect device reliability. Note 2. θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a low effective-thermal- conductivity two-layer test board on a JEDEC thermal measurement standard. Note 3. Devices are ESD sensitive. Handling precaution is recommended. Note 4. The device is not guaranteed to function outside its operating conditions. |