Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME8500AEFVCF23 Fiches technique(PDF) 13 Page - Analog Microelectronics

No de pièce AME8500AEFVCF23
Description  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8500AEFVCF23 Fiches technique(HTML) 13 Page - Analog Microelectronics

Back Button AME8500AEFVCF23 Datasheet HTML 6Page - Analog Microelectronics AME8500AEFVCF23 Datasheet HTML 7Page - Analog Microelectronics AME8500AEFVCF23 Datasheet HTML 8Page - Analog Microelectronics AME8500AEFVCF23 Datasheet HTML 9Page - Analog Microelectronics AME8500AEFVCF23 Datasheet HTML 10Page - Analog Microelectronics AME8500AEFVCF23 Datasheet HTML 11Page - Analog Microelectronics AME8500AEFVCF23 Datasheet HTML 12Page - Analog Microelectronics AME8500AEFVCF23 Datasheet HTML 13Page - Analog Microelectronics AME8500AEFVCF23 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AME, Inc.
13
AME8500 / 8501
µµµµµProcessor Supervisory
n Package Dimension
SOT-89
MIN
MAX
MIN
MAX
A
1.39
1.60
0.05472 0.06299
A1
C
0.35
0.44
0.01378 0.01732
D
4.39
4.60
0.17283
0.1811
D1
1.35
1.83
0.05315 0.07205
E
2.28
3.60
0.08976 0.14173
e
H
S1
3.00REF
0.70REF
1.50REF
0.1181REF
0.0276REF
0.0590REF
0.8REF
0.0315REF
SYMBOLS
MILLIMETERS
INCHES
A
Top View
Side View
Front View
D
D1
e
C
POLISH
POLISH
MATTE FINISH
S1
SOT-25
MIN
MAX
MIN
MAX
A
A1
0.00
0.15
0.0000
0.0059
b
0.30
0.55
0.0118
0.0217
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
H
2.60
3.00
0.10236 0.11811
L
è1
0
o
10
o
0
o
10
o
S1
0.37BSC
0.0146BSC
0.95BSC
0.0374BSC
1.90 BSC
0.07480 BSC
SYMBOLS
MILLIMETERS
INCHES
1.20REF
0.0472REF
Top View
Side View
Front View
£c
1
D
S1
e
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14