| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620FCAFP Fiches technique(PDF) 105 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP Fiches technique(HTML) 105 Page - Mitsubishi Electric Semiconductor |
|
105 / 274 page ![]() Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Timers’ functions for three-phase motor control 105 Timer B2 Timer A4 output U phase U phase Dead time Carrier wave Signal wave A carrier wave of sawtooth waveform m n o p Note: Set to sawtooth modulation mode and to three-phase mode 0. Interrupt occurs. Rewriting the value of timer A4. U phase output signal U phase output signal The three-phase shift register shifts in synchronization with the falling edge of timer A4. Data transfer is made from the three- phase buffer register to the three- phase shift register in step with the timing of the timer B overflow. Trigger signal for timer Ai start (timer B2 overflow signal) Figure 1.15.8. Timing chart of operation (3) |