| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620FCAFP Fiches technique(PDF) 102 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP Fiches technique(HTML) 102 Page - Mitsubishi Electric Semiconductor |
|
102 / 274 page ![]() Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Timers’ functions for three-phase motor control 102 Timer A4 output Trigger signal for timer Ai start (timer B2 overflow signal) Timer B2 U phase Dead time A carrier wave of triangular waveform Carrier wave Signal wave Timer B2 interrupt occurs Rewriting timer A4 and timer A4-1. Possible to set the number of overflows to generate an interrupt by use of the interrupt occurrences frequency set circuit U phase output signal m nn mp o Note: Set to triangular wave modulation mode and to three-phase mode 1. m The three-phase shift register shifts in synchronization with the falling edge of the timer A4 output. U phase U phase output signal Control signal for timer A4 reload Figure 1.15.6. Timing chart of operation (1) phase waveform. In this way, a waveform can be picked up from the applicable terminal in a manner in __ which the "L" level of the U phase waveform doesn’t lap over that of the U phase waveform, which has the opposite phase of the U phase waveform. The width of the “L” level too can be adjusted by varying the ___ ___ values of timer B2, timer A4, and timer A4-1. In dealing with the V and W phases, and V and W phases, the latter are of opposite phase of the former, have the corresponding timers work similarly to dealing with ___ the U and U phases to generate an intended waveform. |