| Moteur de recherche de fiches techniques de composants électroniques |
|
RT8092BAGWSC Fiches technique(PDF) 13 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT8092BAGWSC Fiches technique(HTML) 13 Page - Richtek Technology Corporation |
|
13 / 27 page ![]() RT8092 13 DS8092-03 January 2017 www.richtek.com © Copyright 2017 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Typical Operating Characteristics Buck Efficiency vs. Output Current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 Output Current (A) VOUT = 1V, L = 0.33 μH, COUT = 22μF VBAT = 3V VBAT = 3.3V VBAT = 3.6V VBAT = 3.9V VBAT = 4.2V VBAT = 4.5V VBAT = 5V Buck Efficiency vs. Output Current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 Output Current (A) VOUT = 2.8V, L = 0.33 μH, COUT = 22μF VBAT = 3.3V VBAT = 3.6V VBAT = 3.9V VBAT = 4.2V VBAT = 4.5V VBAT = 5V Buck Output Voltage vs. Output Current 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 0 0.5 1 1.5 2 2.5 3 3.5 4 Output Current (A) VOUT = 2.8V, L = 0.33 μH, COUT = 22μF VBAT = 3.3V VBAT = 3.6V VBAT = 3.9V VBAT = 4.2V VBAT = 4.5V VBAT = 5V Buck Output Voltage vs. Output Current 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 0 0.5 1 1.5 2 2.5 3 3.5 4 Output Current (A) VOUT = 1V, L = 0.33 μH, COUT = 22μF VBAT = 3V VBAT = 3.3V VBAT = 3.6V VBAT = 3.9V VBAT = 4.2V VBAT = 4.5V VBAT = 5V Buck Output Voltage vs. Input Voltage 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.33.7 4.14.5 4.95.3 5.7 Input Voltage (V) VOUT = 2.8V, L = 0.33 μH, COUT = 22μF ILOAD = 0A ILOAD = 1A ILOAD = 2A ILOAD = 3A Buck Output Voltage vs. Input Voltage 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 3 3.5 4 4.5 5 5.5 Input Voltage (V) VOUT = 1V, L = 0.33 μH, COUT = 22μF ILOAD = 0A ILOAD = 1A ILOAD = 2A ILOAD = 3A ILOAD = 4A |