Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP232ACT-L/TR Fiches technique(PDF) 1 Page - Exar Corporation

No de pièce SP232ACT-L/TR
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

SP232ACT-L/TR Fiches technique(HTML) 1 Page - Exar Corporation

  SP232ACT-L/TR Datasheet HTML 1Page - Exar Corporation SP232ACT-L/TR Datasheet HTML 2Page - Exar Corporation SP232ACT-L/TR Datasheet HTML 3Page - Exar Corporation SP232ACT-L/TR Datasheet HTML 4Page - Exar Corporation SP232ACT-L/TR Datasheet HTML 5Page - Exar Corporation SP232ACT-L/TR Datasheet HTML 6Page - Exar Corporation SP232ACT-L/TR Datasheet HTML 7Page - Exar Corporation SP232ACT-L/TR Datasheet HTML 8Page - Exar Corporation SP232ACT-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com
SP232A_00_05308
DESCRIPTION
FEATURES
SP232A
Enhanced RS-232 Line Drivers/Receivers
• Operates from a Single +5V Power Supply
• Meets all RS-232F and ITU V.28 Specifications
• Operates with 0.
μF Ceramic Capacitors
• High Data rate - 20kbps under load
• Low power CMOS Operation
• +/-2kV Human Body Model ESD Protection
• Lead Free packaging available
The SP232A is a line driver and receiver pair that meets the specifications of RS-232 and V.28 serial
protocols. This device is pin-to-pin compatible with popular industry standard pinouts. The SP232A
offers 20kbps data rate under load, small ceramic type 0.
μF charge pump capacitors and overall
ruggedness for comercial applications. The SP232A features Exar's BiCMOS design allowing for low
power operation without sacrificing performance. This device is avaialble in plastic DIP, SOICW and
nSOIC packages operating over the commercial and industrial temperature ranges.


Numéro de pièce similaire - SP232ACT-L/TR

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
SP232ACT-L/TR EXAR-SP232ACT-L/TR Datasheet
857Kb / 10P
Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L/TR EXAR-SP232ACT-L/TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L/TR EXAR-SP232ACT-L/TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results

Description similaire - SP232ACT-L/TR

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232A EXAR-SP232A Datasheet
857Kb / 10P
Enhanced RS-232 Line Drivers/Receivers
SP233A EXAR-SP233A Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
177Kb / 5P
ENHANCED RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11