Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WR12AS Fiches technique(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce WR12AS
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WR12AS Fiches technique(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  WR12AS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WR12AS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WR12AS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WR12AS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WR12AS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series WR
Environmentally Sealed Rockers
B125
B
www.nkkswitches.com
Distinctive Characteristics
Single unit construction of the flange and outer housing gives added
protection from environmental elements.
Specially designed contact mechanism for breaking
light welds.
Minimal contact bounce achieved with specially
designed interlocked switching mechanism.
Heat resistant resin used for outer housing,
inner case, and cover on wire lead models
meets UL94V-0 flammability standard and
provides high arc and tracking resistance.
Available with solder lug, screw, quick connect,
and wire lead terminations.
Actual Size
Sealed Construction Meets IP60 & IP67 Standards
Solder lug, screw, and quick connect terminal models
meet IP67 of IEC60529 Standards at front panel (dust
tight and water protected for temporary immersion,
patent pending). Behind panel standard is IP60 (dust
tight but not water protected).
Wire lead models conform fully to IP67 of IEC60529
Standards at front and behind panel (dust tight and
water protected for temporary immersion). Switch
base is epoxy sealed and covered by an outer case
for further protection from dust and water. (Switches
cannot be operated under water. Contact factory for
further details regarding operating environment.)



Html Pages

1 2 3 4 5