| Moteur de recherche de fiches techniques de composants électroniques |
|
MDT10P257 Fiches technique(PDF) 2 Page - Micon Design Technology Corporation |
|
|
|||||||||||||||||||||||||||||
MDT10P257 Fiches technique(HTML) 2 Page - Micon Design Technology Corporation |
|
2 / 18 page ![]() MDT10P257 This specification are subject to be changed without notice. Any latest information please visit our web site (http;//www.mdtic.com.tw) for detail P. 2 2011/02 VER 1.1 4. Pin Assignment MDT10P257P11 MDT10P257S11 MDT10P257K11 RTCC 1 28 /MCLR Vdd 2 27 OSC1 N/C 3 26 OSC2 Vss 4 25 PC7 N/C 5 24 PC6 PA0 6 23 PC5 PA1 7 22 PC4 PA2 8 21 PC3 PA3 9 20 PC2 PB0 10 19 PC1 PB1 11 18 PC0 PB2 12 17 PB7 PB3 13 16 PB6 PB4 14 15 PB5 MDT10P257SS11 VSS 1 28 /MCLR RTCC 2 27 OSC1 VDD 3 26 OSC2 VDD 4 25 PC7 PA0 5 24 PC6 PA1 6 23 PC5 PA2 7 22 PC4 PA3 8 21 PC3 PB0 9 20 PC2 PB1 10 19 PC1 PB2 11 18 PC0 PB3 12 17 PB7 PB4 13 16 PB6 VSS 14 15 PB5 5. Order Information MARK ROM (Words) RAM (Bytes) I/O Timer (8 bit) Package Mil MDT10P257P11 2K 72 28 1 28-DIP 600 mil MDT10P257S11 2K 72 28 1 28-SOP 300 mil MDT10P257SS11 2K 72 28 1 28-SSOP 209 mil MDT10P257K11 2K 72 28 1 28-SKINNY 300 mil 6. Pin Function Description Pin Name I/O Function Description PA0~PA3 I/O Port A, TTL input level PB0~PB7 I/O Port B, TTL input level PC0~PC7 I/O Port C, TTL input level RTCC I Real Time Clock/Counter, Schmitt Trigger input levels /MCLR I Master Clear, Schmitt Trigger input levels OSC1 I Oscillator Input OSC2 O Oscillator Output Vdd Power supply Vss Ground |