Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2EX Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Fiches technique(HTML) 13 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 9Page - Texas Instruments TDA2EX Datasheet HTML 10Page - Texas Instruments TDA2EX Datasheet HTML 11Page - Texas Instruments TDA2EX Datasheet HTML 12Page - Texas Instruments TDA2EX Datasheet HTML 13Page - Texas Instruments TDA2EX Datasheet HTML 14Page - Texas Instruments TDA2EX Datasheet HTML 15Page - Texas Instruments TDA2EX Datasheet HTML 16Page - Texas Instruments TDA2EX Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 391 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
13
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
AB24
ddr1_d2
ddr1_d2
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AD24
ddr1_d3
ddr1_d3
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AB23
ddr1_d4
ddr1_d4
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AC23
ddr1_d5
ddr1_d5
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AD23
ddr1_d6
ddr1_d6
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AE24
ddr1_d7
ddr1_d7
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AA24
ddr1_d8
ddr1_d8
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
W25
ddr1_d9
ddr1_d9
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
Y23
ddr1_d10
ddr1_d10
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AD25
ddr1_d11
ddr1_d11
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AC25
ddr1_d12
ddr1_d12
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AB25
ddr1_d13
ddr1_d13
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
AA25
ddr1_d14
ddr1_d14
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
W24
ddr1_d15
ddr1_d15
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
W23
ddr1_d16
ddr1_d16
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
U25
ddr1_d17
ddr1_d17
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
U24
ddr1_d18
ddr1_d18
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
W21
ddr1_d19
ddr1_d19
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
T22
ddr1_d20
ddr1_d20
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
U22
ddr1_d21
ddr1_d21
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
U23
ddr1_d22
ddr1_d22
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
T21
ddr1_d23
ddr1_d23
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy
T23
ddr1_d24
ddr1_d24
0
IO
PD
PD
1.2/1.5
vdds_ddr1
No
LVCMOS
DDR
PUx/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More