Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD136 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce BD136
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD136 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD136_17 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD136_17 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
BD136
DESCRIPTION
·
DC Current Gain-
: hFE= 40(Min)@ IC= -0.15A
·
Collector-Emitter Sustaining Voltage -
: VCEO(SUS)= -45V(Min)
·
Complement to type BD135
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use as audio amplifiers and drivers utilizing
complementary or quasi complementary circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-45
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-1.5
A
IB
Base Current-Continuous
-0.5
A
PC
Collector Power Dissipation
@ Ta=25℃
1.25
W
Collector Power Dissipation
@ TC=25℃
12.5
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
10
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
100
℃
/W


Numéro de pièce similaire - BD136_17

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BD136-10 PHILIPS-BD136-10 Datasheet
44Kb / 8P
PNP power transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BD136-10 SIEMENS-BD136-10 Datasheet
188Kb / 5P
PNP SILICON TRANSISTORS
logo
STMicroelectronics
BD136-10 STMICROELECTRONICS-BD136-10 Datasheet
76Kb / 4P
PNP SILICON TRANSISTORS
Nov-2001
logo
SeCoS Halbleitertechnol...
BD136-10 SECOS-BD136-10 Datasheet
85Kb / 2P
PNP General Purpose Transistor
BD136-10 SECOS-BD136-10 Datasheet
85Kb / 2P
PNP General Purpose Transistor
More results

Description similaire - BD136_17

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com