| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS84329 Fiches technique(PDF) 18 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS84329 Fiches technique(HTML) 18 Page - Integrated Circuit Systems |
|
18 / 19 page ![]() 84329AV www.icst.com/products/hiperclocks.html REV. D DECEMBER 15, 2004 18 Integrated Circuit Systems, Inc. ICS84329 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER TABLE 11. ORDERING INFORMATION r e b m u N r e d r O / t r a Pg n i k r a Me g a k c a Pt n u o Ce r u t a r e p m e T V A 9 2 3 4 8 S C IV A 9 2 3 4 8 S C IC C L P d a e L 8 2e b u T r e p 8 3C ° 0 7 o t C ° 0 T V A 9 2 3 4 8 S C IV A 9 2 3 4 8 S C Il e e R d n a e p a T n o C C L P d a e L 8 20 0 5C ° 0 7 o t C ° 0 F L V A 9 2 3 4 8 S C IF L V A 9 2 3 4 8 S C IC C L P " e e r F d a e L " d a e L 8 2e b u T r e p 8 3C ° 0 7 o t C ° 0 T F L V A 9 2 3 4 8 S C IF L V A 9 2 3 4 8 S C Il e e R d n a e p a T n o C C L P " e e r F d a e L " d a e L 8 20 0 5C ° 0 7 o t C ° 0 Y A 9 2 3 4 8 S C IY A 9 2 3 4 8 S C IP F Q L d a e L 2 3y a r T r e p 0 5 2C ° 0 7 o t C ° 0 T Y A 9 2 3 4 8 S C IY A 9 2 3 4 8 S C Il e e R d n a e p a T n o P F Q L d a e L 2 30 0 0 1C ° 0 7 o t C ° 0 While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. The aforementioned trademark, HiPerClockS™ is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. |