| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS83905 Fiches technique(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS83905 Fiches technique(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 14 page ![]() 83905AM http://www.icst.com/products/hiperclocks.html REV. A JANUARY 20, 2005 13 Integrated Circuit Systems, Inc. ICS83905 LOW SKEW, 1:6 CRYSTAL INTERFACE-TO- LVCMOS / LVTTL FANOUT BUFFER PRELIMINARY TABLE 7C. PACKAGE DIMENSIONS FOR 20 LEAD VFQFN PACKAGE OUTLINE - K SUFFIX FOR 20 LEAD VFQFN N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y SM U M I N I MM U M I X A M N 0 2 A 0 8 . 00 . 1 1 A 05 0 . 0 3 A e c n e r e f e R 5 2 . 0 b 8 1 . 00 3 . 0 e C I S A B 0 5 . 0 N D 5 N E 5 D 0 . 4 2 D 5 7 . 00 8 . 2 E 0 . 4 2 E 5 7 . 00 8 . 2 L 5 3 . 05 7 . 0 Reference Document: JEDEC Publication 95, MO-220 |