Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS511 Fiches technique(PDF) 8 Page - Integrated Circuit Systems

No de pièce ICS511
Description  LOCO PLL CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS511 Fiches technique(HTML) 8 Page - Integrated Circuit Systems

  ICS511 Datasheet HTML 1Page - Integrated Circuit Systems ICS511 Datasheet HTML 2Page - Integrated Circuit Systems ICS511 Datasheet HTML 3Page - Integrated Circuit Systems ICS511 Datasheet HTML 4Page - Integrated Circuit Systems ICS511 Datasheet HTML 5Page - Integrated Circuit Systems ICS511 Datasheet HTML 6Page - Integrated Circuit Systems ICS511 Datasheet HTML 7Page - Integrated Circuit Systems ICS511 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LOCOTM PLL Clock Multiplier
MDS 511 G
8
Revision 102504
In te gr at ed Circuit Syst ems ● 525 Ra ce St reet , San Jose, CA 9512 6 ● t e l (4 08) 297 -1 201 ● www.icst.com
ICS511
Ordering Information
“LF” designates Pb (lead) free packaging.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS511M
ICS511M
Tubes
8-pin SOIC
0 to +70
° C
ICS511MT
ICS511M
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS511MI
ICS511I
Tubes
8-pin SOIC
-40 to +85
° C
ICS511MIT
ICS511I
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS511MLF
511MLF
Tubes
8-pin SOIC
0 to +70
° C
ICS511MLFT
511MLF
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS511MILF
511MILF
Tubes
8-pin SOIC
-40 to +85
° C
ICS511MILFT
511MILF
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS511-DWF
-
Die on uncut, probed wafers
0 to +70
° C
ICS511-DPK
-
Tested die in waffle pack
0 to +70
° C



Html Pages

1 2 3 4 5 6 7 8