Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G14FS3 Fiches technique(PDF) 12 Page - Diodes Incorporated

No de pièce 74LVC1G14FS3
Description  SINGLE SCHMITT-TRIGGER INVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14FS3 Fiches technique(HTML) 12 Page - Diodes Incorporated

Back Button 74LVC1G14FS3 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 13Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 14Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 15Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
74LVC1G14
Document number: DS35123 Rev. 4 - 2
12 of 16
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G14
Package Outline Dimensions (cont.)
(6) Package Type X2-DFN1010-6
(7) Package Type: X2-DFN1409-6 6 CHIP SCALE ALTERNATIVE
(8) Package Type: X2-DFN1410-6
X2-DFN1010-6
Dim
Min
Max
Typ
A
––
0.40
0.39
A1
0.00
0.05
0.02
A3
––
––
0.13
b
0.14
0.20
0.17
b1
0.05
0.15
0.10
D
0.95
1.05
1.00
E
0.95
1.05
1.00
e
––
––
0.35
L
0.35
0.45
0.40
K
0.15
––
––
Z
––
––
0.065
All Dimensions in mm
X2-DFN1409-6
Dim
Min
Max
Typ
A
-
0.40
0.39
A1
0
0.05
0.02
A3
-
-
0.13
Ø
0.20
0.30
0.25
D
1.35
1.45
1.40
E
0.85
0.95
0.90
e1
-
-
0.50
e2
-
-
0.50
Z1
-
-
0.075
Z2
-
-
0.075
All Dimensions in mm
X2-DFN1410-6
Dim
Min
Max
Typ
A
––
0.40
0.39
A1
0.00
0.05
0.02
A3
––
––
0.13
b
0.15
0.25
0.20
D
1.35
1.45
1.40
E
0.95
1.05
1.00
e
––
––
0.50
L
0.25
0.35
0.30
Z
––
––
0.10
Z1
0.045 0.105 0.075
All Dimensions in mm
A
A1
A3
D
E
Z(4x)
b(6x)
e
L(6x)
K
(Pin #1 ID)
b1
D
E
e
L(6x)
A
A3
(Pin #1 ID)
Seating Plane
Z(4x)
A1
b(6x)
Z1(4x)
D
E
e 1
A
A 3
P i n # 1 I D
S e a t i n g P l a n e
Z 1
4 x
A 1
Ø
6 x
e 2
Z 2
4 x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16