| Moteur de recherche de fiches techniques de composants électroniques |
|
HD29026AFP Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HD29026AFP Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 12 page ![]() Switching Characteristics (Ta = 25 C) Item Symbol Min Typ Max Unit Test Conditions HD29026A t PHL 16 20 ns C L = 1000 pF VCC = 8 V 11 15 V CC = 12 V HD29027 10 15 V CC = 6 V HD29028 10 15 V CC = 9 V 813 V CC = 12 V HD29026A t PLH 18 25 ns C L = 1000 pF VCC = 8 V 13 20 V CC = 12 V HD29027 10 15 V CC = 6 V HD29028 10 15 V CC = 9 V 813 V CC = 12 V HD29026A t THL 17 21 ns C L = 250 pF V CC = 8 V 12 16 V CC = 12 V HD29027 9 14 V CC = 6 V HD29028 9 13 V CC = 9 V 714 V CC = 12 V HD29026A 20 23 C L = 500 pF V CC = 8 V 15 18 V CC = 12 V HD29027 12 17 V CC = 6 V HD29028 12 17 V CC = 9 V 10 15 V CC = 12 V HD29026A 25 40 C L = 1000 pF VCC = 8 V 20 35 V CC = 12 V HD29027 20 25 V CC = 6 V HD29028 20 25 V CC = 9 V 18 23 V CC = 12 V HD29026A t TLH 15 20 ns C L = 250 pF V CC = 8 V 10 15 V CC = 12 V HD29027 9 14 V CC = 6 V HD29028 9 14 V CC = 9 V 712 V CC = 12 V HD29026A 21 25 C L = 500 pF V CC = 8 V 16 20 V CC = 12 V HD29027 12 17 V CC = 6 V HD29028 12 17 V CC = 9 V 10 15 V CC = 12 V HD29026A 22 30 C L = 1000 pF VCC = 8 V 17 25 V CC = 12 V HD29027 20 25 V CC = 6 V HD29028 20 25 V CC = 9 V 18 23 V CC = 12 V Fall propagation Rise propagation Fall (transition) Rise (transition) |