| Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-7520 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HCPL-7520 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard) |
|
2 / 15 page ![]() 2 Ordering Information Specify part number followed by option number (if desired). Example: HCPL-7520-XXX No option = Standard DIP package, 50 per tube. 300 = Gull Wing Surface Mount Option, 50 per tube. 500 = Tape and Reel Packaging Option. 060 = DIN EN 60747-5-2 Option. Package Outline Drawings HCPL-7520 Standard DIP Package 9.80 ± 0.25 (0.386 ± 0.010) 1.78 (0.070) MAX. 1.19 (0.047) MAX. A 7520 YYWW DATE CODE 1.080 ± 0.320 (0.043 ± 0.013) 2.54 ± 0.25 (0.100 ± 0.010) 0.51 (0.020) MIN. 0.65 (0.025) MAX. 4.70 (0.185) MAX. 2.92 (0.115) MIN. DIMENSIONS IN MILLIMETERS AND (INCHES). 5 6 7 8 4 3 2 1 5° TYP. 0.20 (0.008) 0.33 (0.013) 7.62 ± 0.25 (0.300 ± 0.010) 6.35 ± 0.25 (0.250 ± 0.010) |