Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DXP02A Fiches technique(PDF) 2 Page - Taoglas antenna solutions

No de pièce DXP02A
Description  SMD L1/L2/L5 SAW Diplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

DXP02A Fiches technique(HTML) 2 Page - Taoglas antenna solutions

  DXP02A Datasheet HTML 1Page - Taoglas antenna solutions DXP02A Datasheet HTML 2Page - Taoglas antenna solutions DXP02A Datasheet HTML 3Page - Taoglas antenna solutions DXP02A Datasheet HTML 4Page - Taoglas antenna solutions DXP02A Datasheet HTML 5Page - Taoglas antenna solutions DXP02A Datasheet HTML 6Page - Taoglas antenna solutions DXP02A Datasheet HTML 7Page - Taoglas antenna solutions DXP02A Datasheet HTML 8Page - Taoglas antenna solutions DXP02A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPE-17-8-007/A/AW
Page 2 of 14
1. Introduction
The Taoglas DXP.02.A is a compact SAW diplexer for use in any navigation system
application using the GPS/GALILEO L1, L2 & L5 bands.
The diplexer is designed to function as both a bandpass filter for each band and to
either split one path into three or to combine the bands back into one RF feed. For
example, a customer who wanted to use passive antenna elements would need to
implement a diplexer in some cases to split the bands out into separate paths. It is also
designed to isolate and reject any unwanted GPS signals from getting to the
application port.
It is housed in a compact 5*5*1.7mm over-molded laminate package and is easy to
integrate using SMT process mounting directly onto the target PCB.
Contact your regional Taoglas sales office for more information or support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14