Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILA02 Fiches technique(PDF) 8 Page - Taoglas antenna solutions

No de pièce ILA02
Description  Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA02 Fiches technique(HTML) 8 Page - Taoglas antenna solutions

Back Button ILA02 Datasheet HTML 4Page - Taoglas antenna solutions ILA02 Datasheet HTML 5Page - Taoglas antenna solutions ILA02 Datasheet HTML 6Page - Taoglas antenna solutions ILA02 Datasheet HTML 7Page - Taoglas antenna solutions ILA02 Datasheet HTML 8Page - Taoglas antenna solutions ILA02 Datasheet HTML 9Page - Taoglas antenna solutions ILA02 Datasheet HTML 10Page - Taoglas antenna solutions ILA02 Datasheet HTML 11Page - Taoglas antenna solutions ILA02 Datasheet HTML 12Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SPE-12-8-080/C/RC
Page 8 of 12
5.2 Matching Circuit
Like all antennas, surrounding components, enclosures, and changes to the GND plane
dimensions can alter performance. A pi-matching network like the one shown below is required
in case adjustments need to be made. The antenna EVB has a similar matching network. The
components on the EVB are a good starting point for a new design, but will need to be adjusted
upon integration for best performance. The zero ohm resistor is needed for the ability to solder
down a coax pigtail to make measurements with a vector network analyzer.
Figure 9. Matching Circuits Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12