Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TG100113 Fiches technique(PDF) 2 Page - Taoglas antenna solutions

No de pièce TG100113
Description  Triton - 4G/3G/2G Terminal Antenna for Cellular Gateways and Routers with Assisted GPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG100113 Fiches technique(HTML) 2 Page - Taoglas antenna solutions

  TG100113 Datasheet HTML 1Page - Taoglas antenna solutions TG100113 Datasheet HTML 2Page - Taoglas antenna solutions TG100113 Datasheet HTML 3Page - Taoglas antenna solutions TG100113 Datasheet HTML 4Page - Taoglas antenna solutions TG100113 Datasheet HTML 5Page - Taoglas antenna solutions TG100113 Datasheet HTML 6Page - Taoglas antenna solutions TG100113 Datasheet HTML 7Page - Taoglas antenna solutions TG100113 Datasheet HTML 8Page - Taoglas antenna solutions TG100113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SPE-11-8-147/F/WY
Page 2 of 30
1. Introduction
The TG.10 Triton dipole Antenna designed primarily for use with 3G and 4G Cellular
Gateways and Routers, with assisted GPS. It does not require a ground-plane to
connect to. It has a quality robust PC+ABS housing. The antenna has a SMA(M)
connector. It can be used straight or hinged 90 degrees. The antenna has a wide-band
high efficiency response on nearly all 4G/3G/2G frequency bands worldwide, and can
also be used for other cellular and wireless applications such as GSM, and 2.4GHz
WI-FI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30