Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACPL-P349 Fiches technique(PDF) 6 Page - Broadcom Corporation.

No de pièce ACPL-P349
Description  2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P349 Fiches technique(HTML) 6 Page - Broadcom Corporation.

Back Button ACPL-P349 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P349 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Broadcom
- 6 -
ACPL-P349 and ACPL-W349
Data Sheet
Insulation and Safety Related Specifications
Absolute Maximum Ratings
Parameter
Symbol
ACPL-P349
ACPL-W349
Units
Conditions
Minimum External Air Gap
(Clearance)a
a.
All Broadcom data sheets report the creepage and clearance inherent to the optocoupler component itself. These dimensions are needed as a starting point
for the equipment designer when determining the circuit insulation requirements. However, once mounted on a printed circuit board, minimum creepage
and clearance requirements must be met as specified for individual equipment standards. For creepage, the shortest distance path along the surface of a
printed circuit board between the solder fillets of the input and output leads must be considered (the recommended Land Pattern does not necessarily meet
the minimum creepage of the device). There are recommended techniques such as grooves and ribs which may be used on a printed circuit board to achieve
desired creepage and clearances. Creepage and clearance distances will also change depending on factors such as pollution degree and insulation level.
L(101)
7.0
8.0
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(Creepage)a
L(102)
8.0
8.0
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)a
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance (Comparative
Tracking Index)
CTI
> 175
> 175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
–55
125
°C
Operating Temperature
TA
–40
105
°C
Output IC Junction Temperature
TJ
—125
°C
Average Input Current
IF(AVG)
—25
mA
a
a.
Derate linearly above 85°C free-air temperature at a rate of 0.3 mA/°C.
Peak Transient Input Current (<1 ms pulse width, 300pps)
IF(TRAN)
—1
A
Reverse Input Voltage
VR
—5
V
“High” Peak Output Current
IOH(PEAK)
—2.5
A
b
b.
Maximum pulse width = 10 μs. This value is intended to allow for component tolerances for designs with IO peak minimum = 2.0A. See applications section
for additional details on limiting IOH peak.
“Low” Peak Output Current
IOL(PEAK)
—2.5
A
b
Total Output Supply Voltage
(VCC – VEE)
035
V
Output Voltage
VO(PEAK)
–0.5
VCC
V
Output IC Power Dissipation
PO
—500
mW
c
c.
Derate linearly above 85°C free-air temperature at a rate of 12.5 mW/°C.
Total Power Dissipation
PT
—550
mW
d
d.
Derate linearly above 85°C free-air temperature at a rate of 13.75 mW/°C . The maximum LED junction temperature should not exceed 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com