| Moteur de recherche de fiches techniques de composants électroniques |
|
DOC4106 Fiches technique(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
DOC4106 Fiches technique(HTML) 2 Page - ATMEL Corporation |
|
2 / 47 page ![]() 2 AT8xC51SND1C 4106F–8051–10/02 The AT83C51SND1C includes 64K Bytes of ROM memory. The AT8xC51SND1C includes 2304 Bytes of RAM memory. The AT8xC51SND1C provides all necessary features for man machine interface like timers, keyboard port, serial or parallel interface (USB, TWI, SPI, IDE), ADC input, I 2S output, and all external memory interface (NAND or NOR Flash, SmartMedia, MultiMe- dia, DataFlash cards). Typical Applications • MP3 Player • PDA, Camera, Mobile Phone MP3 • Car Audio/Multimedia MP3 • Home Audio/Multimedia MP3 |