Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LRA911CWC1 Fiches technique(PDF) 4 Page - Winson Semiconductor Corp.

No de pièce LRA911CWC1
Description  Linear Hall Effect Sensor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINSON [Winson Semiconductor Corp.]
Site Internet  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

LRA911CWC1 Fiches technique(HTML) 4 Page - Winson Semiconductor Corp.

  LRA911CWC1 Datasheet HTML 1Page - Winson Semiconductor Corp. LRA911CWC1 Datasheet HTML 2Page - Winson Semiconductor Corp. LRA911CWC1 Datasheet HTML 3Page - Winson Semiconductor Corp. LRA911CWC1 Datasheet HTML 4Page - Winson Semiconductor Corp. LRA911CWC1 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WSH315
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2017/4/7
Page 4
Electrical Characteristic Diagram:
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
比值
0.841
0.905
0.939
0.968
0.990
0.996
0.996
1.000
0.988
0.980
0.949
0.930
0.902
0.873
0.835
0.800
0.764
0.000
0.200
0.400
0.600
0.800
1.000
1.200
˚C
WSH315 Sensitivity standardizationof 30℃ VS. Temperature
y = 0.0015x + 2.4812
R² = 0.9993
0.000
1.000
2.000
3.000
4.000
5.000
6.000
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
V
G
WSH315 Vout vs. Magnetic field with Vdd 5V
N
S
y = 0.0013x + 1.6911
R² = 0.9988
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
-1800 -1600 -1400 -1200 -1000 -800 -600 -400 -200
0
200 400 600 800 1000 1200 1400 1600 1800
V
G
WSH315 Vout vs. Magnetic field with Vdd 3.3V
N
S



Html Pages

1 2 3 4 5