| Moteur de recherche de fiches techniques de composants électroniques |
|
CDCV855PW Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCV855PW Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 10 page ![]() CDCV855, CDCV855I 2.5-V PHASE-LOCK LOOP CLOCK DRIVER SCAS660A – SEPTEMBER 2001 – REVISED DECEMBER 2002 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL DATA PW (R-PDSO-G**) PLASTIC SMALL-OUTLINE PACKAGE 14 PINS SHOWN 0,65 M 0,10 0,10 0,25 0,50 0,75 0,15 NOM Gage Plane 28 9,80 9,60 24 7,90 7,70 20 16 6,60 6,40 4040064/F 01/97 0,30 6,60 6,20 8 0,19 4,30 4,50 7 0,15 14 A 1 1,20 MAX 14 5,10 4,90 8 3,10 2,90 A MAX A MIN DIM PINS ** 0,05 4,90 5,10 Seating Plane 0 °–8° NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion not to exceed 0,15. D. Falls within JEDEC MO-153 |