| Moteur de recherche de fiches techniques de composants électroniques |
|
CAY Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CAY Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. CAT/CAY 16 Series - Chip Resistor Arrays Land Patterns a f b p Solder resist Land Chip resistor array a f bp Solder resist Land Chip resistor array a f b Solder resist Land Chip resistor array p a f b p Solder resist Land Chip resistor array CAT16-F4, -J4, -F8, -J8 CAY16-F4, -J4, -J8 CAT16-J2 CAY16-J2 Model a b p f CAT16-F4, -J4, -F8, -J8 0.7 to 0.9 0.4 to 0.45 0.80 2.2 to 2.6 (.028 to .035) (.016 to .0178) (.032) (.087 to .102) CAY16-F4, -J4 0.7 to 0.9 0.4 to 0.45 0.80 2.4 to 2.8 (.028 to .035) (.016 to .0178) (.032) (.094 to .11) CAY16-J8 0.7 to 0.9 0.3 to 0.35 0.50 2.0 to 2.2 (.028 to .035) (.012 to .014) (.020) (.079 to .087) CAT16-J2 0.7 to 0.9 0.4 to 0.45 0.80 2.2 to 2.6 (.028 to .035) (.016 to .0178) (.032) (.087 to .102) CAY16-J2 0.7 to 0.9 0.4 to 0.5 0.80 2.0 to 2.6 (.028 to .035) (.016 to .020) (.032) (.079 to .102) Packaging Dimensions 4.0 ± 0.1 (.158 ± .004) 2.0 + 0.1/-0.2 (.08 + .004/-.008) 4.0 ± 0.1 (.157 ± .004) 1.0 (.039) MAX. a c b 1.5 + 0.1 - 0 (.059 + .004 - 0) 180 (7.087) 2.0 ± 0.5 (.079 ± .020) 60 (2.362) 21.0 ± 0.8 (.827 ± .031) 13.0 ± 0.5 (.511 ± .020) d e DIMENSIONS: MM (INCHES) Model a b c d e CAT16-F4, -J4 & CAY16-F4, J4 3.60 ± 0.20 3.50 ± .005 8.0 ± 0.3 9.0 ± 0.3 11.4 ± 1.0 (.142 ± .008) (.138 ± .004) (.315 ± .012) (.354 ± .012) (.449 ± .040) CAT16-J2 & CAY16-J2 1.80 ± 0.10 3.50 ± .005 8.0 ± 0.3 9.0 ± 0.3 11.4 ± 1.0 (.070 ± .004) (.138 ± .004) (.315 ± .012) (.354 ± .012) (.449 ± .040) CAT16-F8, -J8 6.90 ± 0.20 5.50 ± 0.10 12.0 ± 0.2 13.0 ± 0.2 15.4 ± 1.0 (.272 ± .008) (.217 ± .004) (.472 ± .008) (.512 ± .008) (.606 ± .040) CAY16-J8 4.10 ± 0.15 3.50 ± 0.05 8.0 ± 0.3 9.0 ± 0.3 11.4 ± 1.0 (.161 ± .012) (.138 ± .002) (.315 ± .012) (.354 ± .012) (.449 ± .040) • 5,000 pcs. per reel (J2, J4, CAY16-J8) 4,000 pcs. per reel (CAT16-F8, -J8) • Paper tape REV. 09/14 |