| Moteur de recherche de fiches techniques de composants électroniques |
|
HET Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
HET Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 2 page ![]() TRON® In-Line Fuseholders HET Single-Pole for Solid Neutral Series Form No. HET Series Page 2 of 2 Data Sheet: 2125 Bussmann® The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con- tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Breakaway Holders Catalog Symbol: HET-AW-RLC-A, HET-AW-RLC-B, HET-AW-RLC-C, HET-AW-RLC-J, HET-AW-RYC, HET-BW-RLC-B, HET-BW-RYC, HET-JW, HET-JW-RLC-J, HET-JW-RYC, and HET-AW In-Line Fuseholders, Single-Pole Example: A single-pole, in-line, breakaway holder for a neutral is requested. A single #10 solid, copper crimp is on the load side. A single #10, solid wire and a copper crimp is needed on the line side. 1. Choose HET- series. 2. Choose “A” from 1st page for load side. 3. Choose “W” for breakaway requirement. 4. Choose “RLC-A” for breakaway receptacle on line side. Complete Catalog Number: HET-AW-RLC-A Recommended Torque on Coupling Nut: 10-20 in-lb. Catalog and Specification Data Breakaway Receptacles Conductor Data Catalog Terminal Type Size Symbol Line Terminal (3) Copper Crimp #12 to #8 1 • • -RLC-A #6 1 • • -RLC-B #4 1 • • -RLC-C Copper Set-Screw #12 to #3 1 • • -RLC-J #12 to #3 2 • • -RYC Solid Breakaway (Required with W breakaway Receptacle) Ordering Information: Load Line Terminal Terminal W HET 7-16-03 N03082 |