| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5490 Fiches technique(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 Fiches technique(HTML) 31 Page - Cirrus Logic |
|
31 / 57 page ![]() CS5490 DS982F3 31 6.5 Software Registers Summary (Page 18) Address2 RA[5:0] Name Description1 DSP3 HOST 3 Default 24* 01 1000 IZXLEVEL I-channel Zero-crossing Threshold Y Y 0x 10 0000 25 01 1001 - Reserved - 26 01 1010 - Reserved - 27 01 1011 - Reserved - 28* 01 1100 PulseRate Energy Pulse Rate Y Y 0x 80 0000 29 01 1101 - Reserved - 30 01 1110 - Reserved - 31 01 1111 - Reserved - 32 10 0000 - Reserved - 33 10 0001 - Reserved - 34 10 0010 - Reserved - 35 10 0011 - Reserved - 36 10 0100 - Reserved - 37 10 0101 - Reserved - 38 10 0110 - Reserved - 39 10 0111 - Reserved - 40 10 1000 - Reserved - 41 10 1001 - Reserved - 42 10 1010 - Reserved - 43* 10 1011 INTGAIN Rogowski Coil Integrator Gain Y Y 0x 14 3958 44 10 1100 - Reserved - 45 10 1101 - Reserved - 46* 10 1110 VSwellDUR V Swell Duration Y Y 0x 00 0000 47* 10 1111 VSwellLEVEL V Swell Level Y Y 0x 7F FFFF 48 11 0000 - Reserved - 49 11 0001 - Reserved - 50* 11 0010 - Reserved - 51* 11 0011 - Reserved - 52 11 0100 - Reserved - 53 11 0101 - Reserved - 54 11 0110 - Reserved - 55 11 0111 - Reserved - 56 11 1000 - Reserved - 57 11 1001 - Reserved - 58* 11 1010 VZXLEVEL V-channel Zero-crossing Threshold Y Y 0x 10 0000 59 11 1011 - Reserved - 60 11 1100 - Reserved - 61 11 1101 - Reserved - 62** 11 1110 CycleCount Line Cycle Count N Y 0x 00 0064 63* 11 1111 Scale Scale Value for I-channel Gain Calibration Y Y 0x 4CCCCC Notes: (1) Warning: Do not write to unpublished or reserved register locations. (2) * Registers with checksum protection. ** When setting the AVG_MODE bit (AVG_MODE = ‘1’) in the Config2 register, the device will use the Line-cycle Synchronized Averaging mode and the CycleCount register will be includ- ed in the checksum. Otherwise the SampleCount register will be included. (3) Registers that can be set to write protect from DSP and/or HOST. |