Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XZFABBA10C2 Fiches technique(PDF) 3 Page - SunLED Corporation

No de pièce XZFABBA10C2
Description  Low power consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZFABBA10C2 Fiches technique(HTML) 3 Page - SunLED Corporation

  XZFABBA10C2 Datasheet HTML 1Page - SunLED Corporation XZFABBA10C2 Datasheet HTML 2Page - SunLED Corporation XZFABBA10C2 Datasheet HTML 3Page - SunLED Corporation XZFABBA10C2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number: XZFABBA10C2
SURFACE MOUNT DISPLAY
Oct 17,2016
XDSB1625 V4-Z Layout: Maggie L.
P. 3/4
Recommended Soldering Pattern (Units : mm; Tolerance: ±0.15)
Tape Specification (Units : mm)
Reel Dimension
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the
typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4