| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9410/PCB Fiches technique(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9410/PCB Fiches technique(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() REV. 0 AD9410 –17– TROUBLESHOOTING If the board does not seem to be working correctly, try the following: • Verify power at IC pins. • Check that all jumpers are in the correct position for the desired mode of operation. • Verify VREF is at 2.5 V. • Try running encode clock and analog input at low speeds (10 MSPS/1 MHz) and monitor latch outputs, DAC outputs, and ADC outputs for toggling. The AD9410 Evaluation Board is provided as a design example for customers of Analog Devices, Inc. ADI makes no warranties, express, statutory, or implied, regarding merchantability or fitness for a particular purpose. AD9751 U2 E34 GND E33 DCOCA DCOTA GND C13 0.1 F GND DM9 DM8 DM7 DM6 DM5 DM4 E35 DN0 DN1 DN2 DN3 DN4 DN5 DN6 DN7 DN8 DN9 GND C17 0.1 F GND VDAC DM0 DM1 DM2 DM3 E29 E31 VDAC E30 GND E2 VDAC E5 GND E4 C23 0.1 F GND R10 2k GND C3 0.1 F VDAC GND C20 0.1 F R13 392 GND GND R12 50 GND R1 50 GND J4 1 2 3 4 5 6 7 8 9 11 12 10 13 14 15 16 17 18 19 20 21 23 24 22 36 35 34 33 32 31 30 29 28 26 25 27 48 47 46 45 44 43 42 41 40 38 37 39 VDAC R5 392 GND GND VDAC VDAC C33 1 F VDAC E32 J3 GND Figure 13c. PCB Schematic (Continued) |