| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9410 Fiches technique(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9410 Fiches technique(HTML) 19 Page - Analog Devices |
|
19 / 20 page ![]() REV. 0 AD9410 –19– AD9410 Evaluation Board Bill of Material Quantity Reference Description Device Package Value 5C1–C5 Capacitor TAJD 10 µF 29 C6–C30, C32, C37, C39, C40 Capacitor 603 0.1 µF 1 C33 Capacitor 1206 1 µF 31 E1–E7, E10–E12, E14, E16–E35 Ehole 6 J1, J3, J4, J8, J9X, J10X SMB 3 P1, P4, P5 4-Pin Power 25.531.3425.0 Wieland Connector 25.602.5453.0 2 P2, P3 40-Pin Header 7 R1, R8, R12, R23 *, R25X, R26, R27 Resistor 1206 50 Ω 8 R2, R3, R4, R6, R24, R37, R42, R43 Resistor 1206 100 Ω 1 R13 Resistor 1206 392 Ω 1 R7 Resistor 1206 100 Ω 2 R9, R18 Resistor 1206 24 k Ω 1 R10 Resistor 1206 2 k Ω 2 R11, R15 Resistor 1206 330 Ω 2 R14, R19 Resistor 1206 8.2 k Ω 5 R5, R16, R17, R44, R45 Resistor 1206 0 Ω 8 R28, R29, R32, R34, R36, R38–R40 RPACK 766163220G CTS 22 Ω 1 T1 Transformer (1:1) ADT1-1WT Minicircuits 1 U1 MC10EL16 SOIC8 1 U2 AD9751 LQFP48 1 U3 AD9410 LQFP80 2 U4, U5 74LCX821 SOIC24 1 U9 74AC86 SOIC14 *Optional R23 not placed on board (50 Ω termination resistor). |