| Moteur de recherche de fiches techniques de composants électroniques |
|
CS35L32 Fiches technique(PDF) 35 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS35L32 Fiches technique(HTML) 35 Page - Cirrus Logic |
|
35 / 51 page ![]() DS963F5 35 CS35L32 6 Register Quick Reference 6 Register Quick Reference Default values are shown below the bit names. I²C Address: AD0 = 0: 1000000[R/W] – 10000000 = 0x80 (Write); 10000001 = 0x81 (Read); AD0 = 1: 1000001[R/W] – 10000010 = 0x82 (Write); 10000011 = 0x83 (Read) Adr. Function 7 6 5 4 3 2 1 0 0x01 Device ID A and B (Read Only) DEVIDA[3:0] DEVIDB[3:0] p. 36 001 1 010 1 0x02 Device ID C and D (Read Only) DEVIDC[3:0] DEVIDD[3:0] p. 36 101 0 001 1 0x03 Device ID E (Read Only) DEVIDE[3:0] — p. 36 001 0 000 0 0x04 Reserved — 000 0 000 0 0x05 Revision ID (Read Only) AREVID[3:0] NUMREVID[3:0] p. 36 xxx x xxxx 0x06 Power Control 1 PDN_AMP — PDN_BST[1:0] — PDN_ALL p. 36 000 0 010 0 0x07 Power Control 2 PDN_VMON PDN_IMON PDN_VPMON — SDOUT_3ST — p. 37 111 0 100 0 0x08 Clocking Control MCLKDIS MCLKDIV2 — RATIO p. 37 010 0 000 0 0x09 Low Battery Thresholds — LOWBAT_TH[1:0] LOWBAT_RECOV[2:0] — p. 37 001 0 011 0 0x0A Battery Voltage Monitor (Read Only) VPMON[7:0] p. 38 000 0 000 0 0x0B Boost Converter Peak Current Protection Control BST_IPK[7:0] p. 38 010 0 000 0 0x0C Scaling — IMON_SCALE[3:0] p. 38 000 0 011 1 0x0D LED and Audio Power- Budget Management —ILED_MNG AUDIOGAIN_MNG — VBOOST_MNG[1:0] p. 38 000 0 001 0 0x0E Reserved — xxx x xxxx 0x0F ADSP Control ADSP_DRIVE M/S DATCNF[1:0] SHARE — p. 39 001 0 000 0 0x10 Class D Amplifier Control — AMP_GAIN[2:0] GAIN_CHG_ZC — p. 39 000 1 010 0 0x11 Protection Release Control — AMP_SHORT_RLS — OTE_RLS p. 39 000 0 000 0 0x12 Interrupt Mask 1 — M_ADSPCLK_ERR M_MCLK_ERR M_AMP_SHORT M_OTW M_OTE p. 40 111 1 111 1 0x13 Interrupt Mask 2 M_VMON_OVFL M_IMON_OVFL M_VPMON_OVFL — M_PDN_DONE p. 40 111 1 111 1 0x14 Interrupt Mask 3 M_UVLO M_LED2_OPEN M_LED2_ SHORT M_LED1_OPEN M_LED1_ SHORT M_LOWBAT M_BOOST_ CURLIM M_BOOST_ OVERROR p. 41 111 1 111 1 0x15 Interrupt Status 1 (Audio) (Read Only) — ADSPCLK_ERR MCLK_ERR AMP_SHORT OTW OTE p. 41 xxx x xxxx 0x16 Interrupt Status 2 (Monitors) (Read Only) VMON_OVFL IMON_OVFL VPMON_OVFL — PDN_DONE p. 42 xxx x xxxx 0x17 Interrupt Status 3 (LEDs and Boost Converter) (Read Only) UVLO LED2_OPEN LED2_SHORT LED1_OPEN LED1_SHORT LOWBAT BOOST_ CURLIM BOOST_ OVERROR p. 42 xxx x xxxx 0x18 LED Lighting Status (Read Only) LED1_FLEV LED2_FLEV LED1_MVEV LED2_MVEV LED_FLEN LED_FLINH LED2_DIS LED_TIMERON p. 43 xxx x xxxx 0x19 LED Flash Mode Current — LED_FLCUR[3:0] p. 43 000 0 000 0 0x1A LED Movie Mode Current — LED_MVCUR[2:0] — LED1_MVEN LED2_MVEN p. 44 000 0 000 0 0x1B LED Flash Timer — TIMER[4:0] TIMEOUT_MODE p. 44 001 0 010 0 0x1C LED Flash Inhibit Current — LED_FLINHCUR[3:0] p. 44 000 0 000 0 0x1D –0x7F Reserved — xxx x xxxx |