Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN91C94 Fiches technique(PDF) 98 Page - SMSC Corporation

No de pièce LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Fiches technique(HTML) 98 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 94Page - SMSC Corporation LAN91C94 Datasheet HTML 95Page - SMSC Corporation LAN91C94 Datasheet HTML 96Page - SMSC Corporation LAN91C94 Datasheet HTML 97Page - SMSC Corporation LAN91C94 Datasheet HTML 98Page - SMSC Corporation LAN91C94 Datasheet HTML 99Page - SMSC Corporation LAN91C94 Datasheet HTML 100Page - SMSC Corporation LAN91C94 Datasheet HTML 101Page - SMSC Corporation LAN91C94 Datasheet HTML 102Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 120 page
background image
98
FIGURE 23 - ISA CONSECUTIVE WRITE CYCLES
VALID ADDRESS
VALID ADDRESS
t15
t4
t3
t20
A0-15
AEN, nSBHE
nIOCS16
nIOWR
D0-15
VALID DATA IN
VALID DATA
t7
t8
ns
ns
ns
ns
ns
ns
t3
t4
t7
t8
t15
t20
25
Address, nSBHE, AEN Setup to Control Acti ve
Address, nSBHE, AEN Hol d after Control
Inacti ve
Data Setup to nIOWR Rising
Data Hold after nIOWR Rising
A4-A15, AEN Low, B ALE High to nIOCS16
Low
Cycle time*
Parameter
min
typ
max
uni ts
25
20
30
9
185
IOCHRDY not used - t20 has to be met
BALE T ied High
*Note: The cycle ti me i s defined onl y for consecuti ve accesses to the Data Register. These values assume
that IOCHRDY is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More