Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XSVG43MB Fiches technique(PDF) 2 Page - SunLED Corporation

No de pièce XSVG43MB
Description  Low power consumption
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XSVG43MB Fiches technique(HTML) 2 Page - SunLED Corporation

  XSVG43MB Datasheet HTML 1Page - SunLED Corporation XSVG43MB Datasheet HTML 2Page - SunLED Corporation XSVG43MB Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number: XSVG43MB
3.0x3.0mm ICE CUBE LED
Oct 10,2016
XDSB5065 V5-Z Layout: Maggie L.
P. 2/3
Green
Remarks:
If special sorting is required (e.g. binning based on forward voltage,
luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Green



Html Pages

1 2 3