| Moteur de recherche de fiches techniques de composants électroniques |
|
XSFRS23MBBA Fiches technique(PDF) 2 Page - SunLED Corporation |
|
|
|||||||||||||||||||||||||||||
XSFRS23MBBA Fiches technique(HTML) 2 Page - SunLED Corporation |
|
2 / 4 page ![]() Part Number: XSFRS23MBBA 5.0x5.0mm ICE CUBE LED Oct 08,2016 XDSB7569 V3-Z Layout: Maggie L. P. 2/4 Ice Blue Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or chromaticity), the typical accuracy of the sorting process is as follows: 1. Measurement tolerance of the chromaticity coordinates is ±0.02. 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. |