| Moteur de recherche de fiches techniques de composants électroniques |
|
HT82K95A Fiches technique(PDF) 38 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K95A Fiches technique(HTML) 38 Page - Holtek Semiconductor Inc |
|
38 / 42 page ![]() 28-pin SOP (300mil) Outline Dimensions Symbol Dimensions in inch Min. Nom. Max. A ¾ 0.406 BSC ¾ B ¾ 0.295 BSC ¾ C 0.012 ¾ 0.020 C ¢¾ 0.705 BSC ¾ D ¾¾ 0.104 E ¾ 0.050 BSC ¾ F 0.004 ¾ 0.012 G 0.016 ¾ 0.050 H 0.008 ¾ 0.013 a 0 °¾ 8 ° Symbol Dimensions in mm Min. Nom. Max. A ¾ 10.30 BSC ¾ B ¾ 7.50 BSC ¾ C 0.31 ¾ 0.51 C ¢¾ 17.90 BSC ¾ D ¾¾ 2.65 E ¾ 1.27 BSC ¾ F 0.10 ¾ 0.30 G 0.40 ¾ 1.27 H 0.20 ¾ 0.33 a 0 °¾ 8 ° HT82K95E/HT82K95A Rev. 2.40 38 November 5, 2014 2 8 1 1 5 1 4 A B C D F C ' G H a E |