Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT82K94A Fiches technique(PDF) 43 Page - Holtek Semiconductor Inc

No de pièce HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Fiches technique(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 42Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 43Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
HT82K94E/HT82K94A
Rev. 2.40
43
November 5, 2014
Copyright
Ó 2014 by HOLTEK SEMICONDUCTOR INC.
The information appearing in this Data Sheet is believed to be accurate at the time of publica-
tion. However, Holtek assumes no responsibility arising from the use of the specifications de-
scribed. The applications mentioned herein are used solely for the purpose of illustration and
Holtek makes no warranty or representation that such applications will be suitable without fur-
ther modification, nor recommends the use of its products for application that may present a
risk to human life due to malfunction or otherwise. Holtek
¢s products are not authorized for use
as critical components in life support devices or systems. Holtek reserves the right to alter its
products without prior notification. For the most up-to-date information, please visit our web
site at http://www.holtek.com.tw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43