Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT8010IL Fiches technique(PDF) 8 Page - Exar Corporation

No de pièce XRT8010IL
Description  312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8010IL Fiches technique(HTML) 8 Page - Exar Corporation

Back Button XRT8010IL Datasheet HTML 4Page - Exar Corporation XRT8010IL Datasheet HTML 5Page - Exar Corporation XRT8010IL Datasheet HTML 6Page - Exar Corporation XRT8010IL Datasheet HTML 7Page - Exar Corporation XRT8010IL Datasheet HTML 8Page - Exar Corporation XRT8010IL Datasheet HTML 9Page - Exar Corporation XRT8010IL Datasheet HTML 10Page - Exar Corporation XRT8010IL Datasheet HTML 11Page - Exar Corporation XRT8010IL Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
XRT8010
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
REV. 1.0.2
7
FIGURE 4. INTRINSIC JITTER CONNECTION DIAGRAM
FIGURE 5. SIMPLIFIED BLOCK DIAGRAM OF THE XRT8010 AND PECL RECEIVER
X R T 801 0
C hanne l 1
C hanne l 2
(u s e d a s T rig g e r)
M A X 9111E S A
T e kt r o nix
T D S 740 4
T e k t r onix
P 6330 D if f e r entia l P r obe
T e kt r o nix
P 6 245 T D S 5 00/ 600
Ou t P
Ou t N
20. 0 M hz
C r yst a l
XRT8010/20
Clock Synthesizer
LVDS-To-PECL
Receiver
100ohm Differential
Transmission Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13