| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F56519FDFP Fiches technique(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56519FDFP Fiches technique(HTML) 63 Page - Renesas Technology Corp |
|
63 / 190 page ![]() R01DS0276EJ0100 Rev.1.00 Page 63 of 190 Aug 24, 2016 RX65N Group, RX651 Group 4. I/O Registers 0008 7780h ICU Software Configurable Interrupt B Source Select Register X128 SLIBXR128 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7781h ICU Software Configurable Interrupt B Source Select Register X129 SLIBXR129 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7782h ICU Software Configurable Interrupt B Source Select Register X130 SLIBXR130 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7783h ICU Software Configurable Interrupt B Source Select Register X131 SLIBXR131 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7784h ICU Software Configurable Interrupt B Source Select Register X132 SLIBXR132 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7785h ICU Software Configurable Interrupt B Source Select Register X133 SLIBXR133 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7786h ICU Software Configurable Interrupt B Source Select Register X134 SLIBXR134 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7787h ICU Software Configurable Interrupt B Source Select Register X135 SLIBXR135 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7788h ICU Software Configurable Interrupt B Source Select Register X136 SLIBXR136 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7789h ICU Software Configurable Interrupt B Source Select Register X137 SLIBXR137 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 778Ah ICU Software Configurable Interrupt B Source Select Register X138 SLIBXR138 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 778Bh ICU Software Configurable Interrupt B Source Select Register X139 SLIBXR139 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 778Ch ICU Software Configurable Interrupt B Source Select Register X140 SLIBXR140 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 778Dh ICU Software Configurable Interrupt B Source Select Register X141 SLIBXR141 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 778Eh ICU Software Configurable Interrupt B Source Select Register X142 SLIBXR142 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 778Fh ICU Software Configurable Interrupt B Source Select Register X143 SLIBXR143 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7790h ICU Software Configurable Interrupt B Source Select Register 144 SLIBR144 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7791h ICU Software Configurable Interrupt B Source Select Register 145 SLIBR145 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7792h ICU Software Configurable Interrupt B Source Select Register 146 SLIBR146 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7793h ICU Software Configurable Interrupt B Source Select Register 147 SLIBR147 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7794h ICU Software Configurable Interrupt B Source Select Register 148 SLIBR148 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7795h ICU Software Configurable Interrupt B Source Select Register 149 SLIBR149 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7796h ICU Software Configurable Interrupt B Source Select Register 150 SLIBR150 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7797h ICU Software Configurable Interrupt B Source Select Register 151 SLIBR151 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7798h ICU Software Configurable Interrupt B Source Select Register 152 SLIBR152 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 7799h ICU Software Configurable Interrupt B Source Select Register 153 SLIBR153 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 779Ah ICU Software Configurable Interrupt B Source Select Register 154 SLIBR154 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 779Bh ICU Software Configurable Interrupt B Source Select Register 155 SLIBR155 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 779Ch ICU Software Configurable Interrupt B Source Select Register 156 SLIBR156 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 779Dh ICU Software Configurable Interrupt B Source Select Register 157 SLIBR157 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB 0008 779Eh ICU Software Configurable Interrupt B Source Select Register 158 SLIBR158 8 8 2 ICLK to 1 PCLKB 2 ICLK ICUB Table 4.1 List of I/O Registers (Address Order) (9 / 56) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access Cycles Related Function ICLK PCLK ICLK PCLK |