Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLQP0048KB-B Fiches technique(PDF) 21 Page - Renesas Technology Corp

No de pièce PLQP0048KB-B
Description  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Fiches technique(HTML) 21 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 17Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 18Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 19Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 20Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 21Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 22Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 23Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 24Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
R01DS0248EJ0110 Rev.1.10
Page 21 of 98
Jan 13, 2016
RX23T Group
3. Address Space
3.
Address Space
3.1
Address Space
This LSI has a 4-Gbyte address space, consisting of the range of addresses from 0000 0000h to FFFF FFFFh. That is,
linear access to an address space of up to 4 Gbytes is possible, and this contains both program and data areas.
Figure 3.1 shows the memory maps in the respective operating modes. Accessible areas will differ according to the
operating mode and states of control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98