Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER38HDTR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce VIPER38HDTR
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HDTR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button VIPER38HDTR Datasheet HTML 18Page - STMicroelectronics VIPER38HDTR Datasheet HTML 19Page - STMicroelectronics VIPER38HDTR Datasheet HTML 20Page - STMicroelectronics VIPER38HDTR Datasheet HTML 21Page - STMicroelectronics VIPER38HDTR Datasheet HTML 22Page - STMicroelectronics VIPER38HDTR Datasheet HTML 23Page - STMicroelectronics VIPER38HDTR Datasheet HTML 24Page - STMicroelectronics VIPER38HDTR Datasheet HTML 25Page - STMicroelectronics VIPER38HDTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Operation
VIPER38
22/31
DocID025703 Rev 2
The CFB1 capacitor fixes the OLP delay and usually CFB1 results in a much higher value
than CFB. Equation 5 can be still used to calculate the OLP delay, but CFB1 has to be
considered instead of CFB. Using the compensation network shown in option 2, in all cases
the loop stability can be set as well as a sufficient OLP delay.
Figure 23. FB pin configuration (option 1)
Figure 24. FB pin configuration (option 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31