Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER27 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VIPER27
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VIPER27 Datasheet HTML 9Page - STMicroelectronics VIPER27 Datasheet HTML 10Page - STMicroelectronics VIPER27 Datasheet HTML 11Page - STMicroelectronics VIPER27 Datasheet HTML 12Page - STMicroelectronics VIPER27 Datasheet HTML 13Page - STMicroelectronics VIPER27 Datasheet HTML 14Page - STMicroelectronics VIPER27 Datasheet HTML 15Page - STMicroelectronics VIPER27 Datasheet HTML 16Page - STMicroelectronics VIPER27 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
VIPER27
Typical circuit
Doc ID 15133 Rev 5
13/31
6
Typical circuit
Figure 20.
Min-features flyback application
Figure 21.
Full-features flyback application
OPTO
R5
C6
AC IN
R3
AC IN
Vout
D3
R1
C5
U2
R4
BR
C4
R6
C3
C1
D1
GND
C2
R2
D2
BR
CONT
DRAIN
SOURCE
CONTROL
Vcc
FB
VDD
GND
BR
CONT
DRAIN
SOURCE
CONTROL
Vcc
FB
C3
C2
BR
Vout
R2
Daux
C5
GND
Rl
R3
Rov p
Rh
Rlim
R6
D2
U2
AC IN
D3
R1
C6
OPTO
D1
C4
R5
AC IN
C1
R4
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31