Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USBUF02W6 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce USBUF02W6
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF02W6 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button USBUF02W6 Datasheet HTML 5Page - STMicroelectronics USBUF02W6 Datasheet HTML 6Page - STMicroelectronics USBUF02W6 Datasheet HTML 7Page - STMicroelectronics USBUF02W6 Datasheet HTML 8Page - STMicroelectronics USBUF02W6 Datasheet HTML 9Page - STMicroelectronics USBUF02W6 Datasheet HTML 10Page - STMicroelectronics USBUF02W6 Datasheet HTML 11Page - STMicroelectronics USBUF02W6 Datasheet HTML 12Page - STMicroelectronics USBUF02W6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Packaging information
USBUF
10/13
DocID7041 Rev 8
3
Packaging information
Figure 16. Recommended footprint (dimensions in mm)
Table 4. SOT323-6L Package mechanical data
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65 Typ.
0.025 Typ.
HE
1.8
2.4
0.071
0.094
L
0.1
0.4
0.004
0.016
Q1
0.1
0.4
0.004
0.016
A1
A2
A
L
HE
c
Q1
b
E
D
e
e
0.65
0.80
1.05
1.05
2.9
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13