| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV714IQ4T Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV714IQ4T Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 29 page ![]() Application information TSV711, TSV712, TSV714 20/29 DocID023707 Rev 2 4.8 Macromodel Accurate macromodels of the TSV71x devices are available on the STMicroelectronics’ website at www.st.com. These model are a trade-off between accuracy and complexity (that is, time simulation) of the TSV71x operational amplifiers. They emulate the nominal performance of a typical device within the specified operating conditions mentioned in the datasheet. They also help to validate a design approach and to select the right operational amplifier, but they do not replace on-board measurements. |